Part Number Hot Search : 
H90ZA6 TB62707F 902000 LM3201 ILD1213T X24C01 HG25504 1N4759A
Product Description
Full Text Search
 

To Download B82804A0354A110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smt gate drive transformers ep5 series series/type: b82804a date: october 2012 content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): smt gate drive transformers identification/classification 2 (header 2 + bottom left header bar): ep5 series/type: (bottom right header bar) b82804a preliminary data (optional): (if necessary) department: epcos ho pd date: october 2012 ? epcos ag 2012. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prio r express consent is prohibited.
smt gate drive transformers ep5 b82804a construction ? ep5 ferrite core ? 6 gull wing terminals features ? height: 5.4 max ? footprint: 8.1 x 6.7 mm ? low leakage inductance ? low inter-winding capacitance ? high srf value ? high isolation between primary and secondary side ? rohs compatible applications ? gate drive transformers ? general purpose (non-automotive): isolated ac/dc, dc/dc converters marking ? manufacturer, middle block of ordering code, date code, pin1 marker delivery mode and packing unit ? 16-mm blister tape, 330 mm ? reel ? packing unit: 850 packages/reel schematic ? figure a ? figure b dimensional drawings epcos ho pd october 2012 please read cautions and warnings and page 2 of 5 important notes at the end of this document .
smt gate drive transformers ep5 b82804a technical data and measuring conditions main inductance l 100 khz, 100 mv stray inductance primary l stray 100 khz, 100 mv, secondary shorted resistance r dc measured at +25 c resistance to reflow soldering heat in accordance with jedec j-std 20d +245 c for 10 seconds (2 cycles) capacitance c i pri-sec 100 khz, 100 mv resonance frequency f res primary winding test voltage v test dc values operating temperature range ?40 c ? +125 c characteristics and ordering codes l min figure turns ratio l stray,max r dc-pri,max r dc-sec,max c i,max f res,min v test e*dt ordering code h pri-sec h ? ? pf mhz v dc vs 300 a 2.5:1:1 0.9 1.8 0.3 27 2.6 1500 23.8 b82804a0304a225 317 a 2:1:1 0.6 1.6 0.45 22 2 1500 24.5 b82804a0324a220 264 a 1:1:1 0.3 1.5 1.5 95 2.9 1500 22.4 b82804a0264a210 350 b 1:1 1 1 0.65 75 1.2 1500 25.8 B82804A0354A110 690 b 1.5:1 2.5 1.65 0.86 27 0.7 1500 40.8 b82804a0694a115 473 b 2.5:1 1.5 1.5 0.3 25 1.7 1500 30.6 b82804a0474a125 blister tape detail reel size and detail epcos ho pd october 2012 please read cautions and warnings and page 3 of 5 important notes at the end of this document .
smt gate drive transformers ep5 b82804a epcos ho pd october 2012 please read cautions and warnings and page 4 of 5 important notes at the end of this document . cautions and warnings please note the recommendations in our inductors data book (latest edition) and in the data sheets. ? particular attention should be paid to the derating curves given there. ? the soldering conditions should also be observed. temperatures quoted in relation to wave soldering refer to the pin, not the housing. if the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. in particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation. washing processes may damage the product due to the possible static or cyclic mechanical loads (e.g. ultrasonic cleaning). they may cause cracks to develop on the product and its parts, which might lead to reduced reliability or lifetime. the following points must be observed if the components are potted in customer applications: ? many potting materials shrink as they har den. they therefore exert a pressure on the plastic housing or core. this pressure can have a deleterious effect on electrical properties, and in extreme cases can damage t he core or plastic housing mechanically. ? it is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. ? the effect of the potting material can change the high-frequency behaviour of the components. ferrites are sensitive to direct impact. this can cause the core material to flake, or lead to breakage of the core. even for customer-specific products, conclusive validation of the component in the circuit can only be carried out by the customer.
important notes page 5 of 5 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual cu stomer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must ther efore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, sife rrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B82804A0354A110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X